Part Number Hot Search : 
60041 NJG1301V 74435 74435 1N5369B MN103S SD530 T273A
Product Description
Full Text Search
 

To Download MB401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER MB4005 THRU MB4010
FEATURES l Low cost l This series is UL recognized under component index, file number E127707 l High forward surge current capability l Ideal for printed circuit board l High isolation voltage from case to leads l High temperature soldering guaranteed: 260 oC/10 second, at 5 lbs. (2.3kg) tension. MECHANICAL DATA l Case: Molded plastic body l Terminal: Plated 0.25" (6.35mm) lug. l Polarity: Polarity symbols marked on case l Mounting: Thru hole for #10 screw, 20 in.-lbs torque max. l Weight:1.02 ounce, 29 grams
VOLTAGE RANGE CURRENT 50 to 1000 Volts 40 Amperes
MB-35N
1.14( 28.9) 1.12( 28.4) 0.666( 16.9) 0.626( 15.9)
+ AC
1.14( 28.9) 0.728( 18.5) 1.12( 28.4) 0.688( 17.5)
AC
0.666( 16.9) 0.626( 15.9)
0.570( 14.5) 0.530( 13.5) 0.205( 5.2) DIA 0.197( 5.0)
EXOPY CASE
0.32( 8.2) 0.30( 7.8) 0.68( 17.3) 0.587( 14.4) 0.033( 0.84) 0.028( 0.71) 0.252( 6.4) 0.248( 6.3) 0.252( 6.4) 0.248( 6.3)
0 .0
2 .3 9(
IA )D
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20%.
SYMBOLS MB4005 Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current, at TC=55(See FIG.1) Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Rating for Fusing(t<8.3ms) Maximum Instantaneous Forward Voltage at 20.0A TA=25 Maximum DC Reverse Current at rated DC blocking voltage TA=100 Isolation Voltage from case to lugs Typical Thermal Resistance (Note 1,2) Operating Temperature Range Storage Temperature Range VRRM VRMS VDC I(AV) IFSM I2 T VF IR VISO RJC TJ TSTG 50 35 50
MB401 MB402 MB404 MB406
100 70 100 200 140 200 400 280 400 40 400 664 1.1 10 1.0 2500 1.4 -55 to +150 -55 to +150 600 420 600
MB408
800 560 800
MB4010
1000 700 1000
UNITS Volts Volts Volts Amps Amps A2S Volts Amps mAmps VAC /W
NOTES: 1. Unit mounted on 9"x3.5"x4.6"(23x9x11.8cm) Al. finned plate. 2. Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency with #10 screw.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com 1/2
MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER MB4005 THRU MB4010
VOLTAGE RANGE CURRENT 50 to 1000 Volts 40 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com 2/2


▲Up To Search▲   

 
Price & Availability of MB401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X